Part Number Hot Search : 
BZV55C BTA06 MCP654 HPI6FER2 1N652 AT91SAM9 LA38B A21Q01
Product Description
Full Text Search
 

To Download SPS-4310-CXX0G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  optoway SPS-4310-CXX0G *********************************************************************************************************************************************************************** *********************************************************************************************************************************************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 5/1/2008 v1.0 1 SPS-4310-CXX0G (rohs compliant) 3.3v / cwdm / 8.5 gbps lc sfp+ single-mode transceiver *********************************************************************************************************************************************************************** features l up to 8.5 gbps bi-directional data links l complaint to sfp+ msa l compliance with fibre channel fc-pi-4 800-sm-lc-l l compliant with 4g and, 2g fibre channel l 18 wavelength ( ): 1270 nm to 1610 nm cwdm dfb ld transmitter l distance up to 10 km l ac/ac coupling according to msa l single +3.3 v power supply l rohs 6/6 compliant l 0 to 70 o c operating l class 1 laser international safety standard iec-60825 compliant applications l multi-rate 8x / 4x / 2x fibre channel l gigabit ethernet description the SPS-4310-CXX0G series single mode transceiver is small form factor pluggable module for bi-directional serial optical data communications such as 8x/4x/2x fibre channel. it is with the sfp 20-pin connector to allow hot plug capability. this module is designed for single mode fiber and operates at a nominal wavelength of cwdm wavelength. there are eighteen center wavelengths available from 1270 nm to 1610 nm, with each step 20 nm. a guaranteed minimum optical link budget of 11 db is offered. the transmitter section uses a cwdm multiple quantum well dfb laser and is a class 1 laser compliant according to international safety standard iec-60825. the receiver section uses an integrated ingaas detector preamplifier (idp) mounted in an optical header and a limiting post-amplifier ic. laser safety this single mode transceiver is a class 1 laser product. it complies with iec-60825 and fda 21 cfr 1040.10 and 1040.11. the transceiver must be operated within the specified temperature and voltage limits. the optical ports of the module shall be terminated with an optical connector or with a dust plug. order information p/no. bit rate (gb/s) fc-pi power budget (db) wavelength (nm) package temp. ( o c) rohs compliant SPS-4310-CXX0G 8 / 4 / 2 fc-pi-4 > 11 cwdm * sfp+ 0 to 70 yes cwdm * wavelength (0 to 70 o c) central wavelength min. (nm) typ. (nm) max. (nm) clasp color code central wavelength min. (nm) typ. (nm) max. (nm) clasp color code -c270 1264.5 1270 1277.5 light purple -c450 1444.5 1450 1457.5 yellow orange -c290 1284.5 1290 1297.5 sky blue -c470 1464.5 1470 1477.5 gray -c310 1304.5 1310 1317.5 yellow green -c490 1484.5 1490 1497.5 violet -c330 1324.5 1330 1337.5 yellow ocher -c510 1504.5 1510 1517.5 blue -c350 1344.5 1350 1357.5 pink -c530 1524.5 1530 1537.5 green -c370 1364.5 1370 1377.5 beige -c550 1544.5 1550 1557.5 yellow -c390 1384.5 1390 1397.5 white -c570 1564.5 1570 1577.5 orange -c410 1404.5 1410 1417.5 silver -c590 1584.5 1590 1597.5 red -c430 1424.5 1430 1437.5 black -c610 1604.5 1610 1617.5 brown cwdm * : 18 wavelengths from 1270 nm to 1610 nm, each step 20 nm.
optoway SPS-4310-CXX0G *********************************************************************************************************************************************************************** ********************************************************************************************************************************************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 5/1/2008 v1.0 2 absolute maximum ratings parameter symbol min max units notes storage temperature tstg -40 85 o c operating case temperature topr 0 70 o c power supply voltage vcc -0.5 3.6 v recommended operating conditions parameter symbol min typ max units / notes power supply voltage vcc 3.13 3.3 3.47 v operating case temperature topr 0 70 o c power supply current i cc (tx+rx) 300 350 ma data rate 8.5 gb/s transmitter optical specifications (0 o c < topr < 70 o c, 3.13v < vcc < 3.47v) parameter symbol min typ max units notes average launch power po, avg -3 1 dbm 1 output center wavelength l l c C 5.5 l c l c +7.5 nm 2 output spectrum width dl --- 1 nm -20 db width side mode suppression ratio smsr 30 db relative intensity noise rin -128 db/hz average launch power of off transmitter -30 dbm 1. output power is power coupled into a 9/125 m m single-mode fiber. 2. itu-t g.694.2 cwdm wavelength from 1270 nm to 1410 nm, each step 20 nm. receiver optical specifications (0 o c < topr < 70 o c, 3.13v < vcc < 3.47v) parameter symbol min typ max units notes sensitivity -14 dbm 3 receiver overload p max 0.5 --- dbm los -- deasserted los d --- --- -18 dbm transition: low to high los -- asserted los a -30 --- --- dbm transition: high to low wavelength of operation l c 1260 1620 nm 3. measured with average power; ber < 10 -12 and prbs 2 7 -1. electrical characteristics parameter symbol min typ max units notes high-speed signal (cml) interface specification input data rate 8.5 gb/s tx clock tolerance 100 ppm 4 differential input impedance rin 100 differential data input amplitude 150 1200 mvpp internally ac coupled output data rate 8.5 gb/s rx clock tolerance 100 ppm 4 differential output impedance rout 100 differential data output amplitude 350 600 700 mvpp internally ac coupled low-speed signal (lvttl) interface specification input high voltage 2.0 vcc+0.3 v input low voltage gnd 0.8 v output high voltage 2.4 vcc v output low voltage gnd 0.5 v 4. clock tolerance for 8.5gb/s, 4.25gb/s, 2.12gb/s, 1.063gb/s and 1.25 gb/s.
optoway SPS-4310-CXX0G *********************************************************************************************************************************************************************** ********************************************************************************************************************************************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 5/1/2008 v1.0 3 connection diagram pin signal name description pin signal name description 1 v ee t transmitter signal ground 11 v ee r receiver signal ground 2 tx_fault transmitter fault indication. logic 1 output = laser fault. logic 0 output = normal operation 12 rd- inverse receiver data out 3 tx_disable logic 1 input (or no connection) = laser off, logic 0 = laser on. 13 rd+ receiver data out 4 sda modulation definition 2 C two wires serial id interface 14 v ee r receiver signal ground 5 sdl modulation definition 1 C two wires serial id interface 15 v cc r receiver power C 3.3v 5% 6 mod-abs modulation definition 0 C ground in module 16 v cc t transmitter power C 3.3v 5% 7 rs0 rx rate select (lvttl). this pin has an internal 30k pulldown to ground. a signal on this pin will not affect module performance. 17 v ee t transmitter signal ground 8 rx_los loss of signal out (oc). 18 td+ transmitter data in 9 rs1 tx rate select (lvttl). this pin has an internal 30k pulldown to ground. a signal on this pin will not affect module performance. 19 td- inverse transmitter data in 10 v ee r receiver signal ground 20 v ee t transmitter signal ground module definition module definition pin 4 pin 5 pin 6 interpretation by host 4 sda scl mod-abs serial module definition protocol module definition 4 specifies a serial definition protocol. for this definition, upon power up, sda and sdl appear as no connector (nc) and mod-abs is ttl low. when the host system detects this condition, it activates the serial protocol. the protocol uses the 2-wire serial cmos e 2 prom protocol of the atmel at24c01a/02/04 family of components.
optoway SPS-4310-CXX0G *********************************************************************************************************************************************************************** ********************************************************************************************************************************************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 5/1/2008 v1.0 4 recommended circuit schematic 0.1 f 22 f 0.1 f 22 f vee r post amp ld driver z=50 z=50 z=50 z=50 vee t 4 .7 h 4 .7 h td - td + vcc t vcc r rd - rd + 100 sfp+ module serdes 100 los rd - rd + td - td + 0.1 f protocol eeprom module detect scl sda loss of singal tx_disable tx_fault mod_abs scl sda 10 k 10 k 10 k 10 k tx_fault tx_disable (1,17,20) 3 2 18 19 16 15 12 13 8 (10,11,14) 6 5 4 10 k vcc 3.3v vcc 3.3v ic ic depending on serdes 0.1 f 30k 30k rs1 rs0 7 9 tx rate select rx rate select package diagram units in mm
optoway SPS-4310-CXX0G *********************************************************************************************************************************************************************** ********************************************************************************************************************************************************************** optoway technology inc. no .3 8, kuang fu s. road, hu kou, hsin chu industrial park, hsin chu, taiwan 303 tel: 886-3-5979798 fax: 886-3-5979737 e-mail: sales@optoway.com.tw http: // www.optoway.com.tw 5/1/2008 v1.0 5 revision history version subject release date 1.0 initial datasheet 2008/5/1 note: specifications subject to change without notice.


▲Up To Search▲   

 
Price & Availability of SPS-4310-CXX0G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X